Part Number Hot Search : 
S04DMS RGP40 M317LZ IRLI530N TDSO5150 MCT2X GP30ME3 ICS503MT
Product Description
Full Text Search
 

To Download IN4936 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d s 26002 rev. e-2 1 of 2 1n4933/l-1n4937/l 1n4933/l - 1n4937/l 1.0a fast recovery rectifier features ?l? suffix designates a-405 package no suffix designates do-41 package a a b c d do-41 plastic a-405 dim min max min max a 25.40  25.40  b 4.06 5.21 4.10 5.20 c 0.71 0.864 0.53 0.64 d 2.00 2.72 2.00 2.70 all dimensions in mm maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  diffused junction  fast switching for high efficiency  high current capability and low forward voltage drop  surge overload rating to 30a peak  low reverse leakage current  plastic material: ul flammability classification rating 94v-0 mechanical data  case: molded plastic  terminals: plated leads solderable per mil-std-202, method 208  polarity: cathode band  weight: do-41 0.35 grams (approx)  a-405 0.20 grams (approx)  mounting position: any  marking: type number single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol 1n4933/l 1n4934/l 1n4935/l 1n4936/l 1n4937/l unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 v rms reverse voltage v r(rms) 35 70 140 280 420 v average rectified output current (note 1) @ t a = 75  c i o 1.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 30 a forward voltage drop @ i f = 1.0a v fm 1.2 v peak reverse current @t a = 25  c at rated dc blocking voltage @ t a = 100  c i rm 5.0 100  a reverse recovery time (note 3) t rr 200 ns typical junction capacitance (note 2) c j 15 pf typical thermal resistance junction to ambient r  ja 100 k/w operating and storage temperature range t j, t stg -65 to +150  c notes: 1.leads maintained at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. measured with i f = 0.5a, i r = 1a, i rr = 0.25a.
d s 26002 rev. e-2 2 of 2 1n4933/l-1n4937/l 1 1 0 100 1 10 100 c , cap acit ance (pf) j v , reverse voltage (v) fi g .4 t y pical junction capacitance r t = 25c f = 1mhz j 110 100 0 number of cycles at 60 hz fi g . 3 max non-repetitive peak fwd sur g e current i , peak fwd surge current (a) fsm 10 20 30 pulse width 8.3ms single half sine-wave 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.1 1.0 10 20 v , instantaneous forward voltage (v) fig. 2 typical forward characteristics f i , inst ant ane o us f o r w ard current (a) f t = 25c pulse width = 300s j 0 25 50 75 100 125 150 175 0.2 0.4 0.6 0.8 1 . 0 0 i , a verage fwd rectified current (a) (a v) t , ambient temperature (oc) fi g . 1 forward current deratin g curves a pc board mounted 9.5mm lead lengths


▲Up To Search▲   

 
Price & Availability of IN4936

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X